PART |
Description |
Maker |
SE97 |
DDR memory module temp sensor
|
NXP Semiconductors
|
SES900 SE97 |
DDR memory module temp sensor with integrated SPD, 3.3 V
|
NXP Semiconductors
|
M368L6523BUM-LCC M381L6523BUM-LB3 M368L6523BTM-LCC |
64M X 64 DDR DRAM MODULE, 0.65 ns, DMA184 128M X 64 DDR DRAM MODULE, 0.65 ns, DMA184 128M X 72 DDR DRAM MODULE, 0.7 ns, DMA184 DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II DDR SDRAM的缓冲模84pin缓冲模块基于512Mb乙芯片与64/72-bit非ECC / ECC6 TSOP-II Flash Memory IC; Memory Size:4Mbit; Supply Voltage Max:3V; Package/Case:48-TSOP; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70ns; Series:S29AL Flash Memory IC; Memory Size:4Mbit; Supply Voltage Max:3V; Package/Case:48-FBGA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:90ns; Series:S29AL Single-Supply Voltage Translator 6-SOT-23 -40 to 85
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
EMC1201-AGZQ-TR EMC1202-AGZQ-TR |
Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface 双单线温度传感器采用SOT23 - 5运用SMSC BudgetBus传感器接
|
SMSC, Corp.
|
PTHXX060Y PTH03060Y PTH05060Y PTH05060YAD PTH05060 |
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
|
ARTESYN[Artesyn Technologies] Emerson Network Power
|
AD7816AR-REEL7 AD7818ARZ-REEL7 AD7818ARMZ-REEL7 AD |
Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor DIGITAL TEMP SENSOR-SERIAL Temperature Sensor (On Chip) 4-Channel, 9 µs, 10-Bit ADC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Temperature Sensor (On Chip) 4-Channel, 9 µs, 10-Bit ADC; Package: SOIC; No of Pins: 16; Temperature Range: Commercial 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 DIGITAL TEMP SENSOR-SERIAL MO-153-AB, TSSOP-16 DIGITAL TEMP SENSOR-SERIAL MO-187-AA, MSOP-8 DIGITAL TEMP SENSOR-SERIAL MS-012-AA, SOIC-8
|
http:// Analog Devices, Inc. ANALOG DEVICES INC
|
PUMA67S16000M-025 PUMA2S16000I-45 PUMA67S16000I-45 |
150NS, PLCC, COM TEMP(FLASH) 15NS, 44 PLCC, COM TEMP(EPLD) 30MHZ, 3.3V, 8 LAP, COM TEMP(FPGA) 20NS, 44 PLCC, COM TEMP(EPLD) 150NS, TSOP, IND TEMP(FLASH) 20NS, 44 TQFP, IND TEMP(EPLD) 120NS, SOIC, IND TEMP(EEPROM) 70NS, TSOP, IND TEMP(EEPROM) 15NS, 68 PLCC, IND TEMP(EPLD) 25NS, 68 PLCC, IND TEMP(EPLD) 30MHZ, 32 TQFP, COM TEMP(FPGA) 120NS, PDIP, IND TEMP(EEPROM) 32 MCROCELL CPLD 1.8V ISP TQFP IND GREEN(EPLD) x32 SRAM Module X32号的SRAM模块 90NS, TSOP, IND TEMP(EEPROM) X32号的SRAM模块 120NS, PLCC, IND TEMP(EEPROM)
|
DB Lectro, Inc. TE Connectivity, Ltd.
|
702-102BBB-A00 702-101BBB-A00 700-101BAA-B00 700-1 |
Temperature Sensors RTD TEMP SENSOR-PLATINUM, 1000ohm, RECTANGULAR, SURFACE MOUNT RTD TEMP SENSOR-PLATINUM, 100ohm, RECTANGULAR, SURFACE MOUNT RTD TEMP SENSOR-PLATINUM, 100ohm, RECTANGULAR, THROUGH HOLE MOUNT
|
Honeywell Solid State Electronics Center HONEYWELL SENSING AND CONTROL
|
STTS424CDW3E STTS424CDW3F STTS424CDA3E STTS424CDA3 |
Memory module temperature sensor
|
STMicroelectronics
|
MCP9805T-BE_ST MCP9805 MCP9805-BE_MC MCP9805-BE_ST |
Memory Module Digital Temperature Sensor
|
MICROCHIP[Microchip Technology]
|
PTC150PT-4000-DB392Q PTC150PT-4000-DB392W PTC200NF |
RTD TEMP SENSOR-PLATINUM, 400ohm, CYLINDRICAL, THROUGH HOLE MOUNT RTD TEMP SENSOR-NICKEL-IRON, 1000ohm, CYLINDRICAL, THROUGH HOLE MOUNT
|
RCD COMPONENTS INC
|
STTS424E02CDN3F STTS424E02CDN6E STTS424E02CDN6F ST |
Memory module temperature sensor with a 2 Kb SPD EEPROM
|
STMicroelectronics
|
|